Part Number Hot Search : 
0LFFH 15009 DP030U HIP8112A HAM10S 2SB11 PEOSSO3B APM4546K
Product Description
Full Text Search
 

To Download IRFPS59N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90380 PROVISIONAL
SMPS MOSFET
Applications l Switch Mode Power Supply (SMPS) l Uninterruptible Power Supply l High Speed Power Switching Benefits Low Gate Charge Qg Reduces Drive Required l Improved Gate Resistance for Faster Switching l Fully Characterized Capacitance and Avalanche Voltage and Current l Lowest Conduction Loss in Package Outline l Effective COSS specified (See AN 1001)
l
IRFPS59N60C
HEXFET(R) Power MOSFET
VDSS
600V
RDS(on) max
0.045
ID
59A
Super-247TM
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Recommended clip force
Max.
59 37 240 390 3.1 20 TBD -40 to + 150 -55 to + 150 300 (1.6mm from case ) 20
Units
A W W/C V V/ns
N
Applicable Off Line SMPS Topologies:
l l
Power Factor Correction Boost Full Bridge
www.irf.com
1
11/2/99
IRFPS59N60C
Static @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) IDSS IGSS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage
Min. 600 --- --- 4.0 --- --- --- ---
Typ. --- 0.43 --- --- --- --- --- ---
Max. Units Conditions --- V V GS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.045 VGS = 10V, ID = 35A 6.0 V VDS = VGS, ID = 250A 100 VDS = 600V, VGS = 0V A 500 VDS = 480V, VGS = 0V, TJ = 125C 100 VGS = 20V nA -100 VGS = -20V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 35 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 33 110 86 18 10490 5140 280 24050 220 370 Max. Units Conditions --- S VDS = 50V, ID = 35A 490 ID = 35A 100 nC VDS = 360V 250 VGS = 10V --- VDD = 300V --- ID = 35A ns --- RG = 1.0 --- R D = 8.5 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 480V, = 1.0MHz --- VGS = 0V, VDS = 0V to 480V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
TBD 35 39
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.32 --- 40
Units
C/W
Diode Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 59 --- --- showing the A G integral reverse --- --- 240 S p-n junction diode. --- --- 1.2 V TJ = 25C, IS = 35A, VGS = 0V --- 770 1150 ns TJ = 25C, IF = 35A --- 20 30 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRFPS59N60C
Super-247TM Package Outline
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%.
Starting TJ = 25C, L = TBDmH
RG = 25, IAS = 59A, dv/dt=TBD V/ns.
ISD TBDA, di/dt TBDA/s, VDD V(BR)DSS,
TJ 150C
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 Data and specifications subject to change without notice. 11/99
www.irf.com
3


▲Up To Search▲   

 
Price & Availability of IRFPS59N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X